Part Number Hot Search : 
1N493 GP602 23N50 4428C SH7211F SI4833 BR262 LX5551
Product Description
Full Text Search
 

To Download 1N5394G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Reverse Voltage - 50 to 1000 Volts
DO-15
GLASS PASSIVATED SILICON RECTIFIER
FEATURES
1N5391G THRU 1N5399G
Forward Current - 1.5Amperes
1.0 (25.4) MIN. 0.140 (3.6) 0.104(2.6) DIA.
0.300(7.6) 0.230(5.8)
The plastic package carries Underwriters Laboratory Flammability Classification 94V-0 Construction utilizes void-free molded plastic technique Low reverse leakage High forward surge current capability High temperature soldering guaranteed: 250 C/10 seconds,0.375"(9.5mm) lead length, 5 lbs. (2.3kg) tension
1.0 (25.4) MIN. 0.034 (0.86) 0.028 (0.70) DIA.
MECHANICAL DATA
Case: JEDEC DO-15 molded plastic body Terminals: Plated axial leads, solderable per MIL-STD-750, Method 2026 Polarity: Color band denotes cathode end Mounting Position: Any Weight:0.014 ounce, 0.40 grams
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified. Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
SYMBOLS 5391G 5392G 5393G 5394G 5395G 5396G 5397G 5398G 5399G
1N
1N
1N
1N
1N
1N
1N
1N
1N
UNITS
Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current 0.375"(9.5mm) lead length at TA=75 C Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Maximum instantaneous forward voltage at 1.5A Maximum DC reverse current TA=25 C at rated DC blocking voltage TA=100 C Typical junction capacitance (NOTE 1) Typical thermal resistance (NOTE 2) Operating junction and storage temperature range
VRRM VRMS VDC I(AV) IFSM VF IR CJ RJA TJ,TSTG
50 35 50
100 200 300 400 500 70 140 210 280 350 100 200 300 400 500 1.5 50.0 1.4 5.0 50.0 20.0 50.0 -65 to +175
600 800 1000 VOLTS 420 560 700 VOLTS 600 800 1000 VOLTS Amps Amps Volts A pF C/W C
Note:1.Measured at 1MHz and applied reverse voltage of 4.0V D.C. 2.Thermal resistance from junction to ambient at 0.375"(9.5mm)lead length,P.C.B. mounted
www.shunyegroup.com
RATINGS AND CHARACTERISTIC CURVES 1N5391G THRU 1N5399G
AVERAGE FORWARD RECTIFIED CURRENT, AMPERES
PEAK FORWARD SURGE CURRENT, AMPERES
FIG. 1- FORWARD CURRENT DERATING CURVE
1.5
FIG. 2-MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
50
1.2
40
0.9
30
0.6
Single Phase Half Wave 60Hz Resistive or inductive Load
20
0.3
10
8.3ms SINGLE HALF SINE-WAVE (JEDEC Method)
0
0
25
50
75
100
125
150
175
0
1
10
100
AMBIENT TEMPERATURE, C
NUMBER OF CYCLES AT 60 Hz
INSTANTANEOUS REVERSE CURRENT, MICROAMPERES
FIG. 3-TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
FIG. 4-TYPICAL REVERSE CHARACTERISTICS
1,000
INSTANTANEOUS FORWARD CURRENT,AMPERES
20 10
100
TJ=150 C
1
10 TJ=100 C 1
0.1
TJ=25 C PULSE WIDTH=300 s 1%DUTY CYCLE
0.01
0.1 TJ=25 C 0.01
0.6
0.8
1.0
1.2
1.4
1.5
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
0
20
40
60
80
100
PERCENT OF PEAK REVERSE VOLTAGE,%
FIG. 5-TYPICAL JUNCTION CAPACITANCE
TRANSIENT THERMAL IMPEDANCE, C/W
FIG. 6-TYPICAL TRANSIENT THERMAL IMPEDANCE
100
JUNCTION CAPACITANCE, pF
200 100 TJ=25 C
10
10
1
0.1
1
0.01
0.1
1
10
100
0.1
1.0
10
100
REVERSE VOLTAGE,VOLTS
t,PULSE DURATION,sec.
www.shunyegroup.com


▲Up To Search▲   

 
Price & Availability of 1N5394G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X